PART |
Description |
Maker |
7-625-204 7-625-163 7-625-318 7-625-316 7-300-160 |
MCU CMOS 18LD 20MHZ 2K EPRM, -40C to 85C, 18-SOIC 300mil, TUBE MCU CMOS 18LD 20MHZ 2K EPRM, -40C to 85C, 18-PDIP, TUBE MCU CMOS 18LD 20MHZ 2K EPRM, -40C to 85C, 18-SOIC 300mil, T/R MCU CMOS 20LD 20MHZ 2K EPRM, -40C to 85C, 20-SSOP 208mil, TUBE CHUCK 100MM 9600 baud fixed speed IrDA protocol handler and bit encoder/decoder, -40C to 85C, 18-SOIC 300mil, TUBE High-Speed, Low-Power Voltage Comparators CHUCK 200MM CHUCK 125MM CHUCK 160MM CHUCK 250MM 夹头250毫米 SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference 夹头160毫米
|
TE Connectivity, Ltd. Xicon Passive Components
|
ADC-207MM-QL ADC-207LM-QL ADC-207 ADC-207LC ADC-20 |
7-Bit, 20MHz, CMOS Flash A/D Converters
|
Murata Power Solutions Inc. http://
|
P1750AE-40PGMB P1750AE-20QLMB P1750AE-30QLMB P1750 |
SINGLE CHIP, 20MHz to 40MHz, ENHANCED CMOS 16-BIT PROCESSOR
|
Pyramid Semiconductor Corporation
|
OV7411N OV7635 OV9630 OV7648 OV7431 |
MCU CMOS 18LD 4MHZ 1K EPRM, 0C to 70C, 18-PDIP, TUBE MCU CMOS 18LD 20MHZ 1K EPRM, 0C to 70C, 18-SOIC 300mil, TUBE MCU CMOS 18LD 20MHZ 1K EPRM, -40C to 85C, 18-PDIP, TUBE MCU CMOS 20LD 20MHZ 1K EPRM, -40C to 85C, 20-SSOP 208mil, TUBE packaging specifications MCU CMOS 18LD 4MHZ 1K EPRM, -40C to 85C, 18-PDIP, TUBE /黑白| NTSC制式| 508 × 492 |模拟|的CameraChip |技术报
|
Omnivision Technologies Inc.
|
MB88101A |
A/D Converte
|
Fujitsu
|
MB88111 E413106 |
A/D Converte From old datasheet system
|
Fujitsu
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
FMC7G20US60 |
IGBT Compact & Complex Module Function Generator; Bandwidth Max:20MHz; Amplitude Accuracy :0.01dB; Frequency Max:20MHz; Frequency Min:0.1Hz; Waveforms:27 Built-in RoHS Compliant: NA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
MAX9226ETE MAX9225ETE |
10-Bit, Low-Power, 10MHz-to-20MHz Serializer and Deserializer Chipset
|
Maxim Integrated Products
|
ADC-304 ADC-304-3 |
From old datasheet system 8-Bit, 20MHz, Low-Power Flash A/D Converters 8位,20MHz的,低功耗闪存的A / D转换
|
Datel List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|